| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM5366-PI bảng dữ liệu(PDF) 112 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI bảng dữ liệu(HTML) 112 Page - PMC-Sierra, Inc |
|
112 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 100 Table 3 - Asynchronous T1 Tributary mapping V5 RRRRRRIR 24 bytes - 8I J2 C1C2OOOOIR 24 bytes - 8I Z6 C1C2OOOOIR 24 bytes - 8I Z7 C1C2RRRS1S2R 24 bytes - 8I R: Fixed Stuff bit - set to logic ‘0’ or ‘1’ C: Stuff Control bit - set to logic ‘1’ for stuff indication S: Stuff Opportunity bit - when stuff control bit is ‘0’, stuff opportunity is I bit O: Overhead I: T1 payload information |