| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM5366-PI bảng dữ liệu(PDF) 116 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI bảng dữ liệu(HTML) 116 Page - PMC-Sierra, Inc |
|
116 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 104 Given a path signal label mismatch (PSLM) or path signal label unstable (PSLU), the D3MD ignores the STS-1 (STM-0/AU3) SPE and writes a DS3 AIS pattern to the elastic store. In addition, the desynchronization algorithm assumes a nominal ratio of data to stuff bits carried in the S bits (1 out of 3 S bits is assumed to be an information (data) bit). DS3 AIS is shown in Table 6. Table 6 - DS3 AIS format. X (1) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D X (1) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D P (p) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D P (p) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D M (0) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D M (1) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D M (0) D F (1) D C (0) D F (0) D C (0) D F (0) D C (0) D F (1) D • valid M-frame alignment bits (M-bits), M-subframe alignment bits (F-bits), and parity bit of the preceding M-frame (P-bits). The two P-bits are identical, either both are zeros or ones. • all the C-bits in the M-frame are set to zeros • the X-bits are set to ones • the information bit (84 Data bits with repeating sequence of 1010..) 9.27.2 DS3 Demapper Elastic Store The elastic store block is provided to compensate for frequency differences between the DS-3 stream extracted from the STS-1 (STM-0/AU3) SPE and the CLK52M clock input. The DS3 Demapper extracts I bits from the STS-1 (STM-0/AU3) SPE and writes the bits into a 128 bit (16 byte) elastic store. Eight bytes are provided for SONET/SDH overhead (3 bytes for TOH, 1 byte for a positive stuff, 1 byte for POH) and DS3 reserve stuffing bits (2 bytes for R bits, and 3 overhead bits which is rounded-up to 1 byte). The remaining 8 bytes are provided for path pointer adjustments. Data is read out of the Elastic Store using a divide by 8 version of the input CLK52M clock. If an overflow or underflow condition occurs, an interrupt is |