| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM5366-PI bảng dữ liệu(PDF) 201 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI bảng dữ liệu(HTML) 201 Page - PMC-Sierra, Inc |
|
201 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 189 Table 34 - E3 Framing Format SPE COL # E3 1 E3 2-18 E3 19 E3 20-38 E3 39 E3 40-84 E3 85 ROW SBI COL# 1,4,7,10 13 16 ••• ••• ••• ••• 70 ••• ••• ••• ••• 130 ••• ••• ••• ••• 268 1 Unused H1 V5 E3 E3 E3 E3 E3 E3 2 Unused H2 E3 E3 E3 E3 E3 E3 E3 3 Unused H3 E3 E3 E3 E3 E3 E3 E3 4 Unused Linkrate E3 E3 V5 E3 E3 E3 E3 5 Unused Unused E3 E3 E3 E3 E3 E3 E3 6 Unused Unused E3 E3 E3 E3 E3 E3 E3 7 Unused Unused E3 E3 E3 E3 V5 E3 E3 8 Unused Unused E3 E3 E3 E3 E3 E3 E3 9 Unused Unused E3 E3 E3 E3 E3 E3 E3 Because the E3 tributary rate is less than the rate of the gray region, padding octets are interleaved with the E3 tributary to make up the difference in rate. Interleaved with every E3 frame is an alternating pattern of 81 and 82 stuff octets, one of which is the V5 octet. These 81 or 82 stuff octets are spread evenly across the E3 frame. Each E3 subframe is 48 octet which is further broken into 4 equal blocks of 12 octets each. Table 35 shows the alternating E3 frame stuffing format that is packed into the gray region of Table 34. Note that there are 6 stuff octets after the V5 octet in one frame and 5 stuff octets after the V5 octet in the next frame. In this table V5 indicates the V5 octet which is also a stuff octet, R indicates a stuff octet, D indicates an E3 data octet, FAS indicates the first byte of the 10 bit E3 Frame Alignment Signal. |