công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM5366-PI bảng dữ liệu(PDF) 203 Page - PMC-Sierra, Inc

tên linh kiện PM5366-PI
Giải thích chi tiết về linh kiện  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI bảng dữ liệu(HTML) 203 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 199Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 200Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 201Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 202Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 203Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 204Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 205Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 206Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 207Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
191
transmitting side, therefore justification requests are not used and the
SAJUST_REQ signal is ignored. Other than the V1 and V2 octets which must
carry valid pointers, all octets can carry data in any format. The location of the
V1,V2,V3 and V4 octets is fixed to the locations shown in Table 36.
The second option is floating TVT mode which carries the payload comprised of
the V5 and I octets within the shaded region of Table 36. In this mode the V1,V2
pointers are still in a fixed location and may be valid but are ignored by the
receiving device. The V5 indicator and payload signals, SDV5, SAV5, SDPL and
SAPL, must be valid and are used to locate the floating payload. The justification
request signal can be used to control the timing on the add bus. The location of
the V1,V2,V3 and V4 octets is fixed to the locations shown in Table 36.
The TEMAP-84 supports both TVT modes simultaneously in the SBI DROP bus
and is configurable on a per tributary basis in the SBI ADD bus.
Table 36
- Transparent VT1.5/TU11 Format
COL #
VT1.5#1,1
#2,1-3,28
VT1.5#1,1
#2,1-3,28
VT1.5#1,1
#2,1-3,28
ROW #
1-18
19
20-102
103
104-186
187
188-270
1
Unused
V1
V1
V5
-
I
-
2
Unused
I
-
I
-
I
-
3
Unused
I
-
I
-
I
-
4
Unused
I
-
I
-
I
-
5
Unused
I
-
I
-
I
-
6
Unused
I
-
I
-
I
-
7
Unused
I
-
I
-
I
-
8
Unused
I
-
I
-
I
-
9
Unused
I
-
I
-
I
-
1
Unused
V2
V2
I
-
I
-
2
Unused
I
-
I
-
I
-
3
Unused
I
-
I
-
I
-
4
Unused
I
-
I
-
I
-
5
Unused
I
-
I
-
I
-
6
Unused
I
-
I
-
I
-
7
Unused
I
-
I
-
I
-
8
Unused
I
-
I
-
I
-
9
Unused
I
-
I
-
I
-
1
Unused
V3
V3
I
-
I
-
2
Unused
I
-
I
-
I
-
3
Unused
I
-
I
-
I
-
4
Unused
I
-
I
-
I
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More