| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM5366-PI bảng dữ liệu(PDF) 205 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI bảng dữ liệu(HTML) 205 Page - PMC-Sierra, Inc |
|
205 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 193 request signal can be used to control the timing on the add bus. The location of the V1,V2,V3 and V4 octets is fixed to the locations shown in Table 37. The TEMAP-84 supports both TVT modes simultaneously in the SBI DROP bus and is configurable on a per tributary basis in the SBI ADD bus. |