công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM5366-PI bảng dữ liệu(PDF) 197 Page - PMC-Sierra, Inc

tên linh kiện PM5366-PI
Giải thích chi tiết về linh kiện  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI bảng dữ liệu(HTML) 197 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 193Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 194Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 195Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 196Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 197Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 198Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 199Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 200Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 201Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
185
indicated by the V5 indicator signals, SDV5 and SAV5, and payload signals,
SDPL and SAPL. The PP octets carry channel associated signaling phase
information and E1 multiframe alignment. TS#0 through TS#31 make up the E1
channel.
The V1,V2,V3 and V4 octets are fixed to the locations shown. All the other
octets, shown shaded for E1#1,1, float within the allocated columns maintaining
the same order and moving a maximum of one octet per 2KHz multi-frame. The
position of the floating E1 is identified via the V5 Indicator signals, SDV5 and
SAV5, which locate the V5 octet. When the E1 tributary rate is faster than the E1
tributary nominal rate, the E1 tributary is shifted ahead by one octet which is
compensated by sending an extra octet in the V3 location. When the E1
tributary rate is slower than the nominal rate the E1 tributary is shifted by one
octet which is compensated by inserting a stuff octet in the octet immediately
following the V3 octet and delaying the octet that was originally in that position.
When the SYNCH_TRIB bit is set for a tributary, the timeslot alignment is
precisely as presented in Table 29.
Table 29
- E1 Framing Format
COL #
E1#1,1 #2,1-3,21 E1#1,1 #2,1-3,21 E1#1,1 #2,1-3,21 E1#1,1 #2,1-3,21
ROW #
1-18
19
20-81
82
83-144
145
146-207
208
209-270
1
Unused
V1
V1
V5
-
PP
-
TS#0
-
2
Unused
TS#1
-
TS#2
-
TS#3
-
TS#4
-
3
Unused
TS#5
-
TS#6
-
TS#7
-
TS#8
-
4
Unused
TS#9
-
TS#10
-
TS#11
-
TS#12
-
5
Unused
TS#13
-
TS#14
-
TS#15
-
TS#16
-
6
Unused
TS#17
-
TS#18
-
TS#19
-
TS#20
-
7
Unused
TS#21
-
TS#22
-
TS#23
-
TS#24
-
8
Unused
TS#25
-
TS#26
-
TS#27
-
TS#28
-
9
Unused
TS#29
-
TS#30
-
TS#31
-
R
-
1
Unused
V2
V2
R
-
PP
-
TS#0
-
2
Unused
TS#1
-
TS#2
-
TS#3
-
TS#4
-
3
Unused
TS#5
-
TS#6
-
TS#7
-
TS#8
-
4
Unused
TS#9
-
TS#10
-
TS#11
-
TS#12
-
5
Unused
TS#13
-
TS#14
-
TS#15
-
TS#16
-
6
Unused
TS#17
-
TS#18
-
TS#19
-
TS#20
-
7
Unused
TS#21
-
TS#22
-
TS#23
-
TS#24
-
8
Unused
TS#25
-
TS#26
-
TS#27
-
TS#28
-
9
Unused
TS#29
-
TS#30
-
TS#31
-
R
-
1
Unused
V3
V3
R
-
PP
-
TS#0
-
2
Unused
TS#1
-
TS#2
-
TS#3
-
TS#4
-
3
Unused
TS#5
-
TS#6
-
TS#7
-
TS#8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More