công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS4397 bảng dữ liệu(PDF) 24 Page - Cirrus Logic

tên linh kiện CS4397
Giải thích chi tiết về linh kiện  24-Bit, Multi-Standard D/A Converter for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4397 bảng dữ liệu(HTML) 24 Page - Cirrus Logic

Back Button CS4397_04 Datasheet HTML 20Page - Cirrus Logic CS4397_04 Datasheet HTML 21Page - Cirrus Logic CS4397_04 Datasheet HTML 22Page - Cirrus Logic CS4397_04 Datasheet HTML 23Page - Cirrus Logic CS4397_04 Datasheet HTML 24Page - Cirrus Logic CS4397_04 Datasheet HTML 25Page - Cirrus Logic CS4397_04 Datasheet HTML 26Page - Cirrus Logic CS4397_04 Datasheet HTML 27Page - Cirrus Logic CS4397_04 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
CS4397
24
DS333F1
6.0 PIN DESCRIPTION - 8X INTERPOLATOR MODE
Master Clock - MCLK
Pin 10, Input
Function:
The master clock frequency must be either 32x, 48x, 64x or 96x the input sample rate. Table 8 illustrates
the standard audio sample rates and the required master clock frequencies.
Bit Clock - BCKI
Pin 11, Input
Function:
Clocks the individual serial data bits into the DIL and DIR pins. Refer to Figure 33
Word Clock - WCKI
Pin 12, Input
Function:
The word clock determines which channel is currently being input on the serial audio data input, SDATA.
The frequency of the word clock must be at 8x the baseband sample rate. Refer to Figure 33.
Serial Audio Data - DIR and DIL
Pins 12 and 13, Inputs
Function:
Two's complement MSB-first serial data is input on these pins. The data is clocked into DIL and DIR via
the bit clock. Refer to Figure 33.
Sample Rate
(kHz)
MCLK (MHz)
32x
48x
64x
96x
32 x 8
8.1920
12.2880
16.384
24.576
44.1 x 8
11.2896
16.9344
22.579
33.869
48 x 8
12.2880
18.4320
24.576
36.864
Table 8. Common Clock Frequencies
Refer to PCM mode
RST
VREF
Refer to PCM mode
Refer to PCM mode
M4(AD0/CS)
FILT+
Refer to PCM mode
Refer to PCM mode
M3(AD1/CDIN)
FILT-
Refer to PCM mode
Refer to PCM mode
M2(SCL/CCLK)
CMOUT
Refer to PCM mode
Refer to PCM mode
M0(SDA/CDOUT)
AOUTL-
Refer to PCM mode
Refer to PCM mode
DGND
AOUTL+
Refer to PCM mode
Refer to PCM mode
VD
VA
Refer to PCM mode
Refer to PCM mode
VD
AGND
Refer to PCM mode
Refer to PCM mode
DGND
AOUTR+
Refer to PCM mode
Master Clock
MCLK
AOUTR-
Refer to PCM mode
Bit Clock
BCKI
AGND
Refer to PCM mode
Word Clock
WCKI
MUTEC
Refer to PCM mode
Left Channel Data
DIL
C/H
Refer to PCM mode
Right Channel Data
DIR
MUTE
Refer to PCM mode
1
2
3
4
5
6
7
8
9
10
11
12
5
1
2
6
28
27
26
25
24
23
22
21
20
19
18
17
13
14
16
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com