công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS4397 bảng dữ liệu(PDF) 18 Page - Cirrus Logic

tên linh kiện CS4397
Giải thích chi tiết về linh kiện  24-Bit, Multi-Standard D/A Converter for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4397 bảng dữ liệu(HTML) 18 Page - Cirrus Logic

Back Button CS4397_04 Datasheet HTML 14Page - Cirrus Logic CS4397_04 Datasheet HTML 15Page - Cirrus Logic CS4397_04 Datasheet HTML 16Page - Cirrus Logic CS4397_04 Datasheet HTML 17Page - Cirrus Logic CS4397_04 Datasheet HTML 18Page - Cirrus Logic CS4397_04 Datasheet HTML 19Page - Cirrus Logic CS4397_04 Datasheet HTML 20Page - Cirrus Logic CS4397_04 Datasheet HTML 21Page - Cirrus Logic CS4397_04 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
CS4397
18
DS333F1
4.0 PIN DESCRIPTION - PCM MODE
Reset - RST
Pin 1, Input
Function:
The device enters a low power mode and all internal state machines registers are reset when low. When
high, the device will be in a normal operation mode .
Digital Ground - DGND
Pins 6 and 9, Inputs
Function:
Digital ground reference.
Digital Power - VD
Pins 7 and 8, Input
Function:
Digital power supply. Typically 5.0 to 3.0 VDC.
Master Clock - MCLK
Pin 10, Input
Function:
The master clock frequency must be either 256x, 384x, 512x or 768x the input sample rate in Single
Speed Mode; either 128x, 192x 256x or 384x the input sample rate in Double Speed Mode; or 64x, 96x
128x or 192x the input sample rate in Quad Speed Mode. Tables 4-6 illustrate the standard audio sample
rates and the required master clock frequencies.
RST
DESCRIPTION
0
Enabled
1
Normal operation mode
1
2
3
4
5
6
7
8
9
10
11
12
5
1
2
6
28
27
26
25
24
23
22
21
20
19
18
17
13
14
16
15
Reset
RST
VREF
Voltage Reference
See Description
M4(AD0/CS)
FILT+
Reference Filter
See Description
M3(AD1/CDIN)
FILT-
Reference Ground
See Description
M2(SCL/CCLK)
CMOUT
Common ModeS Voltage
See Description M0(SDA/CDOUT)
AOUTL-
Differential Output
Digital Ground
DGND
AOUTL+
Differential Output
Digital Power
VD
VA
Analog Power
Digital Power
VD
AGND
Analog Ground
Digital Ground
DGND
AOUTR+
Differential Output
Master Clock
MCLK
AOUTR-
Differential Output
Serial Clock
SCLK
AGND
Analog Ground
Left/Right Clock
LRCK
MUTEC
Mute Control
Serial Data
SDATA
C/H
Control port/Hardware select
See Description
M1
MUTE
Soft Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com