công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS4397 bảng dữ liệu(PDF) 23 Page - Cirrus Logic

tên linh kiện CS4397
Giải thích chi tiết về linh kiện  24-Bit, Multi-Standard D/A Converter for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4397 bảng dữ liệu(HTML) 23 Page - Cirrus Logic

Back Button CS4397_04 Datasheet HTML 19Page - Cirrus Logic CS4397_04 Datasheet HTML 20Page - Cirrus Logic CS4397_04 Datasheet HTML 21Page - Cirrus Logic CS4397_04 Datasheet HTML 22Page - Cirrus Logic CS4397_04 Datasheet HTML 23Page - Cirrus Logic CS4397_04 Datasheet HTML 24Page - Cirrus Logic CS4397_04 Datasheet HTML 25Page - Cirrus Logic CS4397_04 Datasheet HTML 26Page - Cirrus Logic CS4397_04 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
CS4397
DS333F1
23
5.0 PIN DESCRIPTION - DSD MODE
Master Clock - MCLK
Pin 10, Input
Function:
The master clock frequency must be either 4x or 6x the DSD data rate for 64x oversampled DSD data
and 2x or 3x the DSD data rate for 128x oversampled DSD data, refer to Table 7.
CLKMODE
Pin 12, Input
Function:
This pin determines the allowable Master Clock to DSD data ratio as defined in Table 7.
DSD Serial Clock - DSD_SCLK
Pin 11, Input
Function:
Clocks the individual bits of the DSD audio data into the DSD_L and DSD_R pins.
Audio Data - DSD_L and DSD_R
Pins 13 and 14, Inputs
Function:
Direct Stream Digital audio data is clocked into DSD_L and DSD_R via the DSD serial clock.
CLKMODE
DSD Over-
Sampling Ratio
01
64x
4x
6x
128x
2x
3x
Table 7. MCLK to DSD Data Rate Clock Ratios
Refer to PCM mode
RST
VREF
Refer to PCM mode
Refer to PCM mode
M4(ADO/CS)
FILT+
Refer to PCM mode
Refer to PCM mode
M3(AD1/CDIN)
FILT-
Refer to PCM mode
Refer to PCM mode
M2(SCL/CCLK)
CMOUT
Refer to PCM mode
Refer to PCM mode M0(SDA/CDOUT)
AOUTL-
Refer to PCM mode
Refer to PCM mode
DGND
AOUTL+
Refer to PCM mode
Refer to PCM mode
VD
VA
Refer to PCM mode
Refer to PCM mode
VD
AGND
Refer to PCM mode
Refer to PCM mode
DGND
AOUTR+
Refer to PCM mode
Master Clock
MCLK
AOUTR-
Refer to PCM mode
DSD Serial Clock
DSD_SCLK
AGND
Refer to PCM mode
Master Clock Mode
CLKMODE
MUTEC
Refer to PCM mode
Left Channel Data
DSD_L
C/H
Refer to PCM mode
Right Channel Data
DSD_R
MUTE
Refer to PCM mode
1
2
3
4
5
6
7
8
9
10
11
12
5
1
2
6
28
27
26
25
24
23
22
21
20
19
18
17
13
14
16
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com