công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAIXF972MLAA4 bảng dữ liệu(PDF) 61 Page - Intel Corporation

tên linh kiện FAIXF972MLAA4
Giải thích chi tiết về linh kiện  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXF972MLAA4 bảng dữ liệu(HTML) 61 Page - Intel Corporation

Back Button FAIXF972MLAA4 Datasheet HTML 57Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 58Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 59Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 60Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 61Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 62Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 63Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 64Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
61
Document Number: 302875-005
Revision Date: 27-Oct-2005
7.0
Electrical Specifications
This chapter includes test specifications for the LXT972M Transceiver. These specifications are
guaranteed by test except where noted “by design”.
• Table 21 lists the absolute maximum ratings.
• Table 22 lists the recommended operating conditions.
• Table 23 through Table 39 list the minimum and maximum values that apply over the
recommended operating conditions specified.
7.1
Electrical Parameters
Table 21 lists absolute maximum ratings for the LXT972M Transceiver.
Caution:
• Exceeding the absolute maximum rating values may cause permanent damage.
• Functional operation under these conditions is not implied.
• Exposure to maximum rating conditions for extended periods may affect device reliability.
Table 22 lists the recommended operating conditions for the LXT972M Transceiver.
Table 21. Absolute Maximum Ratings for Intel® LXT972M Transceiver
Parameter
Sym
Min
Max
Units
Supply Voltage
VCC
-0.3
4.0
V
Storage Temperature
TST
-65
+150
ºC
Table 22. Recommended Operating Conditions for Intel® LXT972M Transceiver
Parameter
Sym
Min
Typ1
Max
Units
Recommended operating temperature
TOPA
0–
70
ºC
Recommended supply voltage
2 - Analog and digital
Vcca, Vccd
3.14
3.3
3.45
V
Recommended supply voltage2 - I/O
Vccio
2.35
–
3.45
V
VCC current - 100 BASE-TX
ICC
–92
110
mA
VCC current - 10 BASE-T
ICC
–66
82
mA
Hard Power Down
ICC
––
1
mA
Soft Power Down
Icc
–
51
–
mA
Auto-Negotiation
ICC
–90
110
mA
1. Typical values are at 25 °C and are for design aid only, not guaranteed, and not subject to production
testing.
2. Voltages are with respect to ground unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com