công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAIXF972MLAA4 bảng dữ liệu(PDF) 76 Page - Intel Corporation

tên linh kiện FAIXF972MLAA4
Giải thích chi tiết về linh kiện  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXF972MLAA4 bảng dữ liệu(HTML) 76 Page - Intel Corporation

Back Button FAIXF972MLAA4 Datasheet HTML 72Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 73Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 74Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 75Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 76Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 77Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 78Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 79Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
76
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 41 lists control register bits.
Table 41. Control Register - Address 0, Hex 0
Bit
Name
Description
Type 1
Default
0.15
Reset
0 = Normal operation
1 = PHY reset
R/W
SC
0
0.14
Loopback
0 = Disable loopback mode
1 = Enable loopback mode
R/W
0
0.13
Speed Selection
0.6
0.13
Speed Selected
R/W
Note 2
0
0
1
1
0
1
0
1
10 Mbps
100 Mbps
1000 Mbps (not supported)
Reserved
0.12
Auto-Negotiation
Enable
0 = Disable auto-negotiation process
1 = Enable auto-negotiation process
R/W
Note 2
0.11
Power-Down
0 = Normal operation
1 = Power-down
R/W
0
0.10
Isolate
0 = Normal operation
1 = Electrically isolate PHY from MII
R/W
0
0.9
Restart Auto-
Negotiation
0 = Normal operation
1 = Restart auto-negotiation process
R/W
SC
0
0.8
Duplex Mode
0 = Half-duplex
1 = Full-duplex
R/W
Note 2
0.7
Collision Test
0 = Disable COL signal test
1 = Enable COL signal test
R/W
0
0.6
Speed Selection
X - 0.6
0.13
Speed Selected
R/W
0
0
0
1
1
0
1
0
1
10 Mbps
100 Mbps
1000 Mbps (not supported)
Reserved
0.5:0
Reserved
Write as ‘0’. Ignore on Read.
R/W
00000
1. R/W = Read/Write
SC = Self Clearing
2. Some bits have their default values determined at reset by hardware configuration pins. For default details
for these bits, see Section 5.4.4, “Hardware Configuration Settings”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com