công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAIXF972MLAA4 bảng dữ liệu(PDF) 19 Page - Intel Corporation

tên linh kiện FAIXF972MLAA4
Giải thích chi tiết về linh kiện  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXF972MLAA4 bảng dữ liệu(HTML) 19 Page - Intel Corporation

Back Button FAIXF972MLAA4 Datasheet HTML 15Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 16Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 17Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 18Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 19Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 20Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 21Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 22Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
19
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 9 lists signal descriptions of the LXT972M Transceiver power, ground, and no-connect pins.
Table 10 lists signal descriptions of LXT972M Transceiver Joint Test Action Group (JTAG) pins.
Note:
If a JTAG port is not used, these pins do not need to be terminated.
Table 9.
Intel® LXT972M Transceiver Power, Ground, No-Connect Signal Descriptions
LQFP
Pin#
Symbol
Type
Signal Description
13
GNDA
–
Analog Ground.
5, 9, 24,
25, 30,
38
GND
–
Ground Input/Output.
Ground return for digital I/O circuits (VCCIO).
6, 29
VCCIO
–
MII Power.
Requires either a 3.3 V or a 2.5 V supply. Must be supplied
from the same source used to power the MAC on the other
side of the MII.
For the LXT972M Transceiver, VCCIO is 3.3 V.
16
VCCA
–
Analog Power.
Requires a 3.3 V power supply.
39
VCCD
–
Digital Power.
Requires a 3.3 V power supply.
7, 8
NC
–
No Connection.
These pins are not used and must not be terminated.
Table 10. Intel
® LXT972M Transceiver JTAG Test Signal Descriptions
LQFP
Pin#
Symbol
Type
Signal Description
19
TDI
I
Test Data Input.
Test data sampled with respect to the rising edge of TCK.
20
TDO
O
Test Data Output.
Test data driven with respect to the falling edge of TCK.
21
TMS
I
Test Mode Select.
22
TCK
I
Test Clock.
Clock input for boundary scan.
23
TRST_L
I
Test Reset.
This active-low test reset input is sourced by ATE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com