công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAIXF972MLAA4 bảng dữ liệu(PDF) 36 Page - Intel Corporation

tên linh kiện FAIXF972MLAA4
Giải thích chi tiết về linh kiện  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXF972MLAA4 bảng dữ liệu(HTML) 36 Page - Intel Corporation

Back Button FAIXF972MLAA4 Datasheet HTML 32Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 33Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 34Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 35Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 36Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 37Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 38Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 39Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
36
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.6
MII Operation
This section includes the following topics:
• Section 5.6.1, “MII Clocks”
• Section 5.6.2, “Transmit Enable”
• Section 5.6.3, “Receive Data Valid”
• Section 5.6.4, “Carrier Sense”
• Section 5.6.5, “Error Signals”
• Section 5.6.6, “Collision”
• Section 5.6.7, “Loopback”
The LXT972M Transceiver implements the Media Independent Interface (MII) as defined by the
IEEE 802.3 standard. Separate channels are provided for transmitting data from the MAC to the
LXT972M Transceiver (TXD), and for passing data received from the line (RXD) to the MAC.
Each channel has its own clock, data bus, and control signals.
The following signals are used to pass received data to the MAC:
• COL
• CRS
• RX_CLK
• RX_DV
• RX_ER
• RXD[3:0]
The following signals are used to transmit data from the MAC:
• TX_CLK
• TX_EN
• TXD[3:0]
The LXT972M Transceiver supplies both clock signals as well as separate outputs for carrier sense
and collision. Data transmission across the MII is normally implemented in 4-bit-wide nibbles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com