công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAIXF972MLAA4 bảng dữ liệu(PDF) 85 Page - Intel Corporation

tên linh kiện FAIXF972MLAA4
Giải thích chi tiết về linh kiện  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXF972MLAA4 bảng dữ liệu(HTML) 85 Page - Intel Corporation

Back Button FAIXF972MLAA4 Datasheet HTML 81Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 82Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 83Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 84Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 85Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 86Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 87Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 88Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
85
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 52 lists register #2 status bits.
Table 52. Status Register #2 - Address 17, Hex 11
Bit
Name
Description
Type 1
Default
17.15
Reserved
Always 0.
RO
0
17.14
10/100 Mode
0 = LXT972M Transceiver is not operating
100BASE-TX mode.
1 = LXT972M Transceiver is operating in
100BASE-TX mode.
RO
0
17.13
Transmit Status
0 = LXT972M Transceiver is not transmitting a
packet.
1 = LXT972M Transceiver is transmitting a
packet.
RO
0
17.12
Receive Status
0 = LXT972M Transceiver is not receiving a
packet.
1 = LXT972M Transceiver is receiving a packet.
RO
0
17.11
Collision Status
0 = No collision.
1 = Collision is occurring.
RO
0
17.10
Link
0 = Link is down.
1 = Link is up.
RO
0
17.9
Duplex Mode
0 = Half-duplex.
1 = Full-duplex.
RO
0
17.8
Auto-Negotiation
0 = LXT972M Transceiver is in manual mode.
1 = LXT972M Transceiver is in auto-negotiation
mode.
RO
0
17.7
Auto-Negotiation
Complete
0 = Auto-negotiation process not completed.
1 = Auto-negotiation process completed.
This bit is valid only when auto negotiate is
enabled. The value is equivalent to the value of
Register bit 1.5.
RO
0
17.6
Reserved
Always 0.
RO
0
17.5
Polarity
0 = Polarity is not reversed.
1 = Polarity is reversed.
NOTE: Polarity is not a valid status in 100 Mbps
mode.
RO
0
17.4
Pause
0 = The LXT972M Transceiver is not Pause
capable.
1 = The LXT972M Transceiver is Pause capable.
R0
17:3
Error
0 = No error occurred
1 = Error occurred (Remote Fault, jabber, parallel
detect fault)
NOTE: The register bit is cleared when the
registers that generate the error condition
are read.
RO
0
17:2
Reserved
Always 0.
RO
0
17:1
Reserved
Always 0.
RO
0
17.0
Reserved
Always 0.
RO
0
1. RO = Read Only. R/W = Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com