công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAIXF972MLAA4 bảng dữ liệu(PDF) 23 Page - Intel Corporation

tên linh kiện FAIXF972MLAA4
Giải thích chi tiết về linh kiện  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXF972MLAA4 bảng dữ liệu(HTML) 23 Page - Intel Corporation

Back Button FAIXF972MLAA4 Datasheet HTML 19Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 20Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 21Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 22Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 23Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 24Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 25Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 26Page - Intel Corporation FAIXF972MLAA4 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
23
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.2
Network Media / Protocol Support
This section includes the following:
• Section 5.2.1, “10/100 Network Interface”
• Section 5.2.2, “MII Data Interface”
• Section 5.2.3, “Configuration Management Interface”
The LXT972M Transceiver supports both 10BASE-T and 100BASE-TX Ethernet over twisted-
pair.
5.2.1
10/100 Network Interface
The network interface port consists of two differential signal pairs. For specific pin assignments,
see Chapter 4.0, “Signal Descriptions for Intel® LXT972M Transceiver”.
The LXT972M Transceiver output drivers can generate one of the following outputs:
• 100BASE-TX
• 10BASE-T
When not transmitting data, the LXT972M Transceiver generates IEEE 802.3-compliant link
pulses or idle code. Depending on the mode selected, input signals are decoded as one of the
following:
When not transmitting data, the LXT972M Transceiver generates IEEE 802.3-compliant link
pulses or idle code. Depending on the mode selected, input signals are decoded as one of the
following:
• 100BASE-TX
• 10BASE-T
Auto-negotiation/parallel detection or manual control is used to determine the speed of this
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com