công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMD-K6-2E/233AMZ bảng dữ liệu(PDF) 210 Page - Advanced Micro Devices

tên linh kiện AMD-K6-2E/233AMZ
Giải thích chi tiết về linh kiện  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ bảng dữ liệu(HTML) 210 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 206Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 207Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 208Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 209Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 210Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 211Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 212Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 213Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 214Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 332 page
background image
192
Cache Organization
Chapter 8
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
8.6
Cache-Line Replacements
As programs execute and task switches occur, some cache lines
eventually require replacement.
Instruction cache lines are replaced using a Least Recently
Used (LRU) algorithm. If line replacement is required, lines are
replaced when read cache misses occur.
The data cache uses a slightly different approach to line
replacement. If a miss occurs, and a replacement is required,
lines are replaced by using a Least Recently Allocated (LRA)
algorithm.
Two forms of cache misses and associated cache fills can take
place—a tag-miss cache fill and a tag-hit cache fill.
s
In the case of a tag-miss cache fill, the miss is due to a tag
mismatch, in which case the required cache line is filled
from external memory, and the cache line within the sector
that was not required is marked as invalid.
s
In the case of a tag-hit cache fill, the address matches the
tag, but the requested cache line is marked as invalid. The
required cache line is filled from external memory, and the
cache line within the sector that is not required remains in
the same cache state.
8.7
Write Allocate
Write allocate, if enabled, occurs when the processor has a
pending memory write cycle to a cacheable line and the line
does not currently reside in the data cache. In this case, the
processor performs a 32-byte burst read cycle to fetch the
data-cache line addressed by the pending write cycle. The data
associated with the pending write cycle is merged with the
recently-allocated data-cache line and stored in the processor’s
data cache. The final MESI state of the cache line depends on
the state of the WB/WT# and PWT signals during the burst read
cycle and the subsequent data cache write hit (See Table 34 on
page 198 to determine the cache-line states and the access
types following a cache read miss and cache write hit).
If a data-cache line fetch from memory is attempted because
the write allocate misses the data cache, and KEN# is sampled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com