công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMD-K6-2E/233AMZ bảng dữ liệu(PDF) 182 Page - Advanced Micro Devices

tên linh kiện AMD-K6-2E/233AMZ
Giải thích chi tiết về linh kiện  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ bảng dữ liệu(HTML) 182 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 178Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 179Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 180Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 181Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 182Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 183Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 184Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 185Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 186Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 332 page
background image
164
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Locked Cycles
The processor asserts LOCK# during a sequence of bus cycles to
ensure the cycles are completed without allowing other bus
masters to intervene. Locked operations can consist of two to
five cycles. LOCK# is asserted during the following operations:
s
An interrupt acknowledge sequence
s
Descriptor Table accesses
s
Page Directory and Page Table accesses
s
XCHG instruction
s
An instruction with an allowable LOCK prefix
In order to ensure that locked operations appear on the bus and
are visible to the entire system, any data operands addressed
during a locked cycle that reside in the processor’s cache are
flushed and invalidated from the cache prior to the locked
operation. If the cache line is in the Modified state, it is written
back and invalidated prior to the locked operation. Likewise,
any data read during a locked operation is not cached. The
processor negates LOCK# for at least one clock between
consecutive sequences of locked operations to allow the system
logic to arbitrate for the bus.
The processor asserts SCYC during misaligned locked transfers
on the D[63:0] data bus. The processor generates additional bus
cycles to complete the transfer of misaligned data.
Basic Locked
Operation
Figure 66 on page 165 shows a pair of read-write bus cycles. It
represents a typical read-modify-write locked operation. The
processor asserts LOCK# off the same clock edge that it asserts
ADS# of the first bus cycle in the locked operation and holds it
asserted until the last expected BRDY# of the last bus cycle in
the locked operation is sampled asserted. (The processor
negates LOCK# off of the same clock edge.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com