công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 235 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 235 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 231Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 232Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 233Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 234Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 235Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 236Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 237Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 238Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 239Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 1036 page
background image
Chapter 4 Memory Protection Unit (S12XMPUV1)
MC9S12XE-Family Reference Manual Rev. 1.07
Freescale Semiconductor
235
4.4
Functional Description
The MPU module provides memory protection for accesses coming from multiple masters in the system.
This is done by monitoring bus traffic of each master and compare this with the configuration information
from a set of eight programmable descriptors located in the MPU module. If the MPU module detects an
access violation caused by the S12X CPU, it will assert the CPU access violation interrupt signal. If the
MPU module detects an access violation caused by a bus master other than the S12X CPU, it raises an
access error signal. Please refer to the documentation chapter of the individual master modules (i.e.
XGATE, etc.) for more information about the access error condition.
Violating accesses are not executed. The return value of a violating read access is undefined for both 8 bit
and 16 bit accesses.
NOTE
Accesses from BDM are not restricted. BDM hardware accesses always
bypass the MPU module. During execution of BDM firmware code S12X
CPU accesses are masked from the MPU module as well.
4.4.1
Protection Descriptors
Each of the eight protection descriptors can be used to restrict the allowed types of memory accesses for
a given memory range. Each of these memory ranges can cover up the entire 23 bits global memory range
(8 MBytes).
The descriptors are banked in the MPU module register map.
Each descriptor can be selected for modifying using the SEL bits in the MPU Descriptor Select (MPUSEL)
register.
Table 4-14 gives an overview of the types of accesses that can be configured using the protection
descriptors.
Table 4-14. Access Types
The granularity of each descriptor is 8 bytes. This means the protection comparators in the MPU module
cover only address bits [22:3] of each access. The lower address bits [2:0] are ignored.
NOTE
A mis-aligned word access to the upper boundary address of a descriptor is
always flagged as an access violation.
WP
NEX
Meaning
0
0
read, write and execute
0
1
read, write
1
0
read and execute
1
1
read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com