công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 55 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 51Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 52Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 53Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 54Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 55Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 56Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 57Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 58Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 1036 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.07
Freescale Semiconductor
55
1.2.3.21
PF6 / RXD3 — Port F I/O Pin 6
PF6 is a general-purpose input or output pin. It can be configured as the transmit pin RXD of serial
communication interface 3 (SCI3).
1.2.3.22
PF5 / SCL0 — Port F I/O Pin 5
PF5 is a general-purpose input or output pin. It can be configured as the serial clock pin SCL of the IIC0
module.
1.2.3.23
PF4 / SDA0 — Port F I/O Pin 4
PF4 is a general-purpose input or output pin. It can be configured as the serial data pin SDA of the IIC0
module.
1.2.3.24
PF[3:0] / CS[3:0] — Port F I/O Pins 3 to 0
PF[3:0] are a general-purpose input or output pins. They can be configured as chip select outputs [3:0].
1.2.3.25
PH7 / KWH7 / SS2 / TXD5 — Port H I/O Pin 7
PH7 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as slave select pin SS of the serial peripheral interface 2 (SPI2). It can be configured as the
transmit pin TXD of serial communication interface 5 (SCI5).
1.2.3.26
PH6 / KWH6 / SCK2 / RXD5 — Port H I/O Pin 6
PH6 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as serial clock pin SCK of the serial peripheral interface 2 (SPI2). It can be configured as the
receive pin (RXD) of serial communication interface 5 (SCI5).
1.2.3.27
PH5 / KWH5 / MOSI2 / TXD4 — Port H I/O Pin 5
PH5 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as master output (during master mode) or slave input pin (during slave mode) MOSI of the
serial peripheral interface 2 (SPI2). It can be configured as the transmit pin TXD of serial communication
interface 4 (SCI4).
1.2.3.28
PH4 / KWH4 / MISO2 / RXD4 — Port H I/O Pin 4
PH4 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as master input (during master mode) or slave output (during slave mode) pin MISO of the
serial peripheral interface 2 (SPI2). It can be configured as the receive pin RXD of serial communication
interface 4 (SCI4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com