công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 30 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 26Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 27Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 28Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 29Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 30Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 31Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 32Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 33Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 1036 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.07
30
Freescale Semiconductor
Unimplemented RAM pages are mapped externally in expanded modes. Accessing unimplemented RAM
pages in single chip modes causes an illegal address reset.
Accessing unimplemented FLASH pages in single chip modes causes an illegal address reset.
The range between 0x10_0000 and 0x13_FFFF is mapped to EEPROM resources. The actual EEPROM
and dataflash block sizes are listed in Table 1-4. Within EEPROM resource range an address range exists
which is neither used by EEPROM resources nor remapped to external resources via chip selects (see the
FTM/MMC descriptions for details).
The fixed 8K RAM default location in the global map is 0x0F_E000- 0x0F_FFFF. This is subject to
remapping when configuring the local address map for a larger RAM access range.
Figure 1-3 shows XGATE local address translation to the global memory map. It indicates also the location
of used internal resources in the memory map.
Table 1-4. Derivative Dependent Memory Parameters
Table 1-3. XGATE Resources
Internal Resource
Size /KByte
$Address
XGATE RAM
32K
XGRAM_LOW = 0x0F_8000
FLASH
30K1
1 This value is calculated by the following formula: (64K -2K- XGRAMSIZE)
XGFLASH_HIGH = 0x78_8000
Device
FLASH_LOW
PPAGE1
1Number of 16K pages addressable via PPAGE register
RAM_LOW
RPAGE
2
2Number of 4K pages addressing the RAM. RAM can also be mapped to 0x4000 - 0x7FFF
EE_LOW
DF_HIGH
EPAGE
9S12XEx100
0x70_0000
64
0x0F_0000
16
0x13_F000
0x10_7FFF
43 + 324
3Number of 1K pages addressing the Cache RAM via the EPAGE register counting downwards from 0xFF
4Number of 1K pages addressing the Data flash via the EPAGE register starting upwards from 0x00
9S12XEx768
0x74_0000
48
0x0F_4000
12
0x13_F000
0x10_7FFF
4 + 32
9S12XEx512
0x78_0000
32
0x0F_8000
8
0x13_F000
0x10_7FFF
4 + 32
9S12XEx384
0x78_00005
5The 384K memory map is split into a 128K block from 0x78_0000 to 0x79_FFFF and a 256K block from 0x7C_0000 to
0x7F_FFFF
24
0x0F_A000
6
0x13_F000
0x10_7FFF
4 + 32
9S12XEx256
0x78_00006
6The 256K memory map is split into a 128K block from 0x78_0000 to 0x79_FFFF and a 128K block from 0x7E_0000 to
0x7F_FFFF
16
0x0F_C000
4
0x13_F000
0x10_7FFF
4 + 32
9S12XEx128
0x7E_0000
8
0x0F_D000
3
0x13_7F00
0x10_3FFF
2 + 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com