công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 231 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 231 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 227Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 228Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 229Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 230Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 231Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 232Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 233Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 234Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 235Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 1036 page
background image
Chapter 4 Memory Protection Unit (S12XMPUV1)
MC9S12XE-Family Reference Manual Rev. 1.07
Freescale Semiconductor
231
4.3.1.4
MPU Address Status Register 2 (MPUASTAT2)
Figure 4-6. MPU Address Status Register (MPUASTAT2)
Read: Anytime
Write: Never
Table 4-6. MPUASTAT2 Field Descriptions
4.3.1.5
MPU Descriptor Select Register (MPUSEL)
Figure 4-7. MPU Descriptor Select Register (MPUSEL)
Read: Anytime
Write: Anytime
Table 4-7. MPUSEL Field Descriptions
Address: Module Base + 0x0003
76543210
R
ADDR[7:0]
W
Reset
0
0
0
00000
Field
Description
7–0
ADDR[7:0]
Access violation address bits — The ADDR[7:0] bits contain bits [7:0] of the global address which caused
the current access violation interrupt. These bits are undefined if the access error flag bit (AEF) in the MPUFLG
register is not set.
Address: Module Base + 0x0005
76543210
R
SVSEN
0000
SEL[2:0]
W
Reset
0
0
0
00000
Field
Description
7
SVSEN
MPU supervisor state enable bit — This bit enables the memory protection for the CPU in supervisor state.
If this bit is cleared, the MPU does not affect any accesses coming from the CPU in supervisor state. This is to
prevent the CPU from locking out itself while configuring the protection descriptors (during initialization after a
system reset and during the update of the protection descriptors for a task switch). The memory protection
functionality for the other bus-masters is unaffected by this bit.
0 MPU is disabled for the CPU in supervisor state
1 MPU is enabled for the CPU in supervisor state
2–0
SEL[2:0]
Descriptor select bits — The SEL[2:0] bits select which descriptor is visible in the MPU Descriptor Register
window (MPUDESC0—MPUDESC5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com