công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 234 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 234 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 230Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 231Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 232Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 233Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 234Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 235Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 236Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 237Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 238Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 1036 page
background image
Chapter 4 Memory Protection Unit (S12XMPUV1)
MC9S12XE-Family Reference Manual , Rev. 1.07
234
Freescale Semiconductor
4.3.1.10
MPU Descriptor Register 4 (MPUDESC4)
Figure 4-12. MPU Descriptor Register 4 (MPUDESC4)
Read: Anytime
Write: Anytime
Table 4-12. MPUDESC4 Field Descriptions
4.3.1.11
MPU Descriptor Register 5 (MPUDESC5)
Figure 4-13. MPU Descriptor Register 5 (MPUDESC5)
Read: Anytime
Write: Anytime
Table 4-13. MPUDESC5 Field Descriptions
6
NEX
No-Execute bit — The NEX bit prevents the described memory range from being used as code memory. If this
bit is set every Op-code fetch in this memory range causes an access violation.
3–0
HIGH_ADDR[
22:19]
Memory range upper boundary address bits — The HIGH_ADDR[22:19] bits represent bits [22:19] of the
global memory address that is used as the upper boundary for the described memory range.
Address: Module Base + 0x000A
76543210
R
HIGH_ADDR[18:11]
W
Reset
1
1
1
11111
Field
Description
7–0
HIGH_ADDR[
18:11]
Memory range upper boundary address bits — The HIGH_ADDR[18:11] bits represent bits [18:11] of the
global memory address that is used as the upper boundary for the described memory range.
Address: Module Base + 0x000B
76543210
R
HIGH_ADDR[10:3]
W
Reset
1
1
1
11111
Field
Description
7–0
HIGH_ADDR[
10:3]
Memory range upper boundary address bits — The HIGH_ADDR[10:3] bits represent bits [10:3] of the
global memory address that is used as the upper boundary for the described memory range.
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com