công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 232 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 232 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 228Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 229Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 230Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 231Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 232Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 233Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 234Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 235Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 236Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 1036 page
background image
Chapter 4 Memory Protection Unit (S12XMPUV1)
MC9S12XE-Family Reference Manual , Rev. 1.07
232
Freescale Semiconductor
4.3.1.6
MPU Descriptor Register 0 (MPUDESC0)
Figure 4-8. MPU Descriptor Register 0 (MPUDESC0)
Read: Anytime
Write: Anytime
Table 4-8. MPUDESC0 Field Descriptions
A descriptor can be configured as valid for more than one bus-master at the same time by setting multiple
Master select bits to one. Setting all Master select bits of a descriptor to zero disables the descriptor.
4.3.1.7
MPU Descriptor Register 1 (MPUDESC1)
Figure 4-9. MPU Descriptor Register 1 (MPUDESC1)
Read: Anytime
Write: Anytime
Address: Module Base + 0x0006
76543210
R
MSTR0
MSTR1
MSTR2
MSTR3
LOW_ADDR[22:19]
W
Reset
11
1 initialized as set for descriptor 0 only, cleared for all others
11
11
12
2 initialized as set for descriptor 0 only, if MSTR3 is implemented on the device
0000
Field
Description
7
MSTR0
Master 0 select bit — If this bit is set the descriptor is valid for bus master 0 (CPU in supervisor state).
6
MSTR1
Master 1 select bit — If this bit is set the descriptor is valid for bus master 1 (CPU in user state).
5
MSTR2
Master 2 select bit — If this bit is set the descriptor is valid for bus master 2 (XGATE).
4
MSTR3
Master 3 select bit — If this bit is set the descriptor is valid for bus master 3.
3–0
LOW_ADDR[
22:19]
Memory range lower boundary address bits — The LOW_ADDR[22:19] bits represent bits [22:19] of the
global memory address that is used as the lower boundary for the described memory range.
Address: Module Base + 0x0007
76543210
R
LOW_ADDR[18:11]
W
Reset
0
0
0
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com