công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32K311NHT0MPAST bảng dữ liệu(PDF) 120 Page - NXP Semiconductors

tên linh kiện S32K311NHT0MPAST
Giải thích chi tiết về linh kiện  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST bảng dữ liệu(HTML) 120 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 116Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 117Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 118Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 119Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 120Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 121Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 122Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 123Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 143 page
background image
Table 66. JTAG electrical specifications (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tTDOHZ
TCK low to TDO
high impedance
—
—
22
ns
—
8
tBSDV
TCK falling edge to
output valid 4
—
—
600
ns
—
11
tBSDVZ
TCK falling edge to
output valid out of
high impedance
—
—
600
ns
—
12
tBSDHZ
TCK falling edge
to output high
impedance
—
—
600
ns
—
13
tBSDST
Boundary scan input
valid to TCK rising
edge
15
—
—
ns
—
14
tBSDHT
TCK rising edge to
boundary scan input
invalid
15
—
—
ns
—
15
1. Cycle time is 30ns assuming full cycle timing. Cycle time is 60ns assuming half cycle timing.
2. This timing applies to TDI, TDO, TMS pins, however, actual frequency is limited by pad type for EXTEST instructions.
Refer to pad specification for allowed transition frequency
3. Timing includes TCK pad delay, clock tree delay, logic delay and TDO output pad delay.
4. Applies to all pins, limited by pad slew rate. Refer to IO delay and transition specification and add 20 ns for JTAG delay.
TCK
3
1
3
2
2
Figure 65. JTAG TCK Input Timing
NXP Semiconductors
Debug modules
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
120 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com