công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32K311NHT0MPAST bảng dữ liệu(PDF) 122 Page - NXP Semiconductors

tên linh kiện S32K311NHT0MPAST
Giải thích chi tiết về linh kiện  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST bảng dữ liệu(HTML) 122 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 118Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 119Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 120Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 121Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 122Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 123Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 124Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 125Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 143 page
background image
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting
side (board) temperature, ambient temperature, air flow, power dissipation or other components on the board, and
board thermal resistance.
NOTE
14.2 Thermal characteristics
Thermal Design and Characteristics
• Junction temperature of the device does not solely depend on package thermal resistance but is also a function of chip
power dissipation, PCB attributes, environmental conditions (ambient temperature & air flow) and cumulative effects of
other heat generating ICs on the PCB.
• The appropriate thermal design must be carried out on package so that it can safely dissipate the necessary amount of
power needed for it to function properly without exceeding the maximum junction temperature. This may involve adding a
cooling solution on the package, creating thermal enhancements on the PCB and improving environmental conditions.
• The customer is encouraged to use the package model to perform design and risk assessment through simulations.
Package models in FloTHERM or Icepak formats can be obtained under NDA from the sales team.
Thermal Ratings
• The table below is the package thermal ratings for LQFP, HDQFP & MAPBGA package variants. These numbers are
derived through simulations based on standardized tests as described in the footnotes.
• Thermal resistance data in this report is solely for a thermal performance comparison of one package to another in a
standardized specified environment. It is not meant to predict the performance of a package in an application-specific
environment :
NXP Semiconductors
Thermal Attributes
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
122 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com