| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CYPAS213 bảng dữ liệu(PDF) 30 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYPAS213 bảng dữ liệu(HTML) 30 Page - Infineon Technologies AG |
|
30 / 34 page ![]() Datasheet 30 002-37178 Rev. *B 2023-10-10 EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller Acronyms 7Acronyms Table 11 Acronyms used in this document Acronym Description ACF active clamp flyback ADC analog-to-digital converter Arm® advanced RISC machine, a CPU architecture BOD brown out detect BMC biphase mark code CC constant current CCM continuous conduction mode CPU central processing unit CrCM critical conduction mode CS current sense CSN current sense negative CSP current sense positive DCM discontinuous conduction mode DFP downstream facing port DP data plus DM data minus EA error amplifier EMI electromagnetic interference EPR extended power range ESD electrostatic discharge FB feedback FS full-speed GPIO general-purpose input/output ILO internal low-speed oscillator, see also IMO IMO internal main oscillator, see also ILO I/O input/output, see also GPIO LSCSA low-side current sense amplifier LVTTL low-voltage transistor-transistor logic NMOS N-type metal-oxide-semiconductor OCP overcurrent protection OVP overvoltage protection PD Power Delivery PHY physical layer POR power-on reset PPS programmable power supply PWM pulse-width modulator |