| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VC0736 bảng dữ liệu(PDF) 110 Page - NEXTCHIP Co,Ltd |
|
|
|||||||||||||||||||||||||||||
VC0736 bảng dữ liệu(HTML) 110 Page - NEXTCHIP Co,Ltd |
|
110 / 127 page ![]() NVP6124 Data sheet 02.11.2015 (REV 0.2) 108/125 4-CH AHD2.0 RX and 9-CH Audio Codec MOTION Registers Registers to Detect Motion ADDRESS REGISTER NAME BITS VALUE DESCRIPTION Bank Addr 30P 25P 2 0x00 MOTION_OFF_1 [4] 0x03 0x03 MOTION_OFF_x : Motion Detection On/Off Selection ( x = channel number ) 0 : Motion detection on 1 : Motion detection off 0x02 MOTION_OFF_2 0x04 MOTION_OFF_3 0x06 MOTION_OFF_4 0x00 MOTION_PIC_1 [1:0] MOTION_PIC_x : Indicates the type of processing made on the area where motion is generated. ( x = channel number ) 0 : No processing made on the area where motion is generated. 1 : EVEN_FLD (Luma – 32) 2 : EVEN_FLD (Luma – 48) 3 : ALL FLD (Luma – 48) 0x02 MOTION_PIC_2 0x04 MOTION_PIC_3 0x06 MOTION_PIC_4 0x01 MOD_TSEN_1 [7:0] 0x60 0x60 MOD_TSEN_x : Motion Temporal Sensitivity. ( x = channel number ) The value ( the sum of the motion block ) bases on which it is determined whether motion is generated or not ( 0 -> 255 The greater the number, the less sensitive it gets) 0x03 MOD_TSEN_2 0x05 MOD_TSEN_3 0x07 MOD_TSEN_4 0x10 MOD_PSEN_1 [7:6] 0x00 0x00 MOD_PSEN_x : Motion Pixed Sensitivity. Register that determines how much data input in the Motion block is used to search for motion ( x = channel number ) 0 : bypass 1 : 1/2 2 : 1/4 3 : 1/8 MOD_PSEN_2 [5:4] MOD_PSEN_3 [3:2] MOD_PSEN_4 [1:0] |