| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VC0736 bảng dữ liệu(PDF) 98 Page - NEXTCHIP Co,Ltd |
|
|
|||||||||||||||||||||||||||||
VC0736 bảng dữ liệu(HTML) 98 Page - NEXTCHIP Co,Ltd |
|
98 / 127 page ![]() NVP6124 Data sheet 02.11.2015 (REV 0.2) 96/125 4-CH AHD2.0 RX and 9-CH Audio Codec Registers to Control Audio interface ADDRESS REGISTER NAME BITS VALUE DESCRIPTION Bank Addr 30P 25P 1 0x08 RM_BIT_SWAP [7] 0x03 0x03 RM_BIT_SWAP : Set the bit sequence of Audio Data for ADATA_REC 0 : MSB first 1 : LSB first RM_LAW_SEL [6] RM_LAW_SEL : Define the G.711 data format outputted to ADATA_REC 0 : u-law 1 : a-law RM_FORMAT [5:4] RM_FORMAT : Define the data format outputted to ADATA_REC 0 : linear PCM 2 : G.711 format 1 : Unsigned linear PCM 3 : Don ’t Use R_ADATSP2 [3] R_ADATSP : Selection of output data for ADATA_SP R_ADATSP [2] 0 : Speaker data 1 : Record data R_MULTCH [1:0] R_MULTCH : Selection of number of Channel for ADATA_REC 0 : 2ch 2 : 8ch 1 : 4ch 3 : 16ch Registers to Control Audio Interface ADDRESS REGISTER NAME BITS VALUE DESCRIPTION Bank Addr 30P 25P 1 0x09 R_SEQ_01[4] [0] 0x0 0x0 R_SEQ : Sequence of Audio Data for ADATA_REC 00000 : channel 1 data 00001 : channel 2 data 00010 : channel 3 data 00011 : channel 4 data 00100 : channel 5 data 00101 : channel 6 data 00110 : channel 7 data 00111 : channel 8 data 01000 : channel 9 data 01001 : channel 10 data 01010 : channel 11 data 01011 : channel 12 data 01100 : channel 13 data 01101 : channel 14 data 01110 : channel 15 data 01111 : channel 16 data 10000 : Mic input 1 10001 : Mic input 2 R_SEQ_02[4] [1] 0x0 0x0 R_SEQ_03[4] [2] 0x0 0x0 R_SEQ_04[4] [3] 0x0 0x0 R_SEQ_05[4] [4] 0x0 0x0 R_SEQ_06[4] [5] 0x0 0x0 R_SEQ_07[4] [6] 0x0 0x0 R_SEQ_08[4] [7] 0x0 0x0 0x0A R_SEQ_01 [3:0] 0x10 0x10 R_SEQ_02 [7:4] 0x0B R_SEQ_03 [3:0] 0x32 0x32 R_SEQ_04 [7:4] 0x0C R_SEQ_05 [3:0] 0x54 0x54 R_SEQ_06 [7:4] 0x0D R_SEQ_07 [3:0] 0x76 0x76 R_SEQ_08 [7:4] |