| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VC0736 bảng dữ liệu(PDF) 99 Page - NEXTCHIP Co,Ltd |
|
|
|||||||||||||||||||||||||||||
VC0736 bảng dữ liệu(HTML) 99 Page - NEXTCHIP Co,Ltd |
|
99 / 127 page ![]() NVP6124 Data sheet 02.11.2015 (REV 0.2) 97/125 4-CH AHD2.0 RX and 9-CH Audio Codec Registers to Control Audio Interface ADDRESS REGISTER NAME BITS VALUE DESCRIPTION Bank Addr 30P 25P 1 0x0E R_SEQ_09[4] [0] 0x0 0x0 R_SEQ : Sequence of Audio Data for ADATA_REC 00000 : channel 1 data 00001 : channel 2 data 00010 : channel 3 data 00011 : channel 4 data 00100 : channel 5 data 00101 : channel 6 data 00110 : channel 7 data 00111 : channel 8 data 01000 : channel 9 data 01001 : channel 10 data 01010 : channel 11 data 01011 : channel 12 data 01100 : channel 13 data 01101 : channel 14 data 01110 : channel 15 data 01111 : channel 16 data 10000 : Mic input 1 10001 : Mic input 2 R_SEQ_10[4] [1] 0x0 0x0 R_SEQ_11[4] [2] 0x0 0x0 R_SEQ_12[4] [3] 0x0 0x0 R_SEQ_13[4] [4] 0x0 0x0 R_SEQ_14[4] [5] 0x0 0x0 R_SEQ_15[4] [6] 0x0 0x0 R_SEQ_16[4] [7] 0x0 0x0 0x0F R_SEQ_09 [3:0] 0x98 0x98 R_SEQ_10 [7:4] 0x10 R_SEQ_11 [3:0] 0xBA 0xBA R_SEQ_12 [7:4] 0x11 R_SEQ_13 [3:0] 0xDC 0xDC R_SEQ_14 [7:4] 0x12 R_SEQ_15 [3:0] 0xFE 0xFE R_SEQ_16 [7:4] 0x3C MIC_SEQ_01 [4:0] 0x00 0x00 0x3D MIC_SEQ_02 [4:0] 0x00 0x00 Registers to Control Audio Interface ADDRESS REGISTER NAME BITS VALUE DESCRIPTION Bank Addr 30P 25P 1 0x13 PB_MASTER [7] 0x08 0x08 PB_MASTER : Selection of master & slave mode of ACLK_PB and ASYNC_PB 0 : Slave mode 1 : Master mode PB_CLK [6] PB_CLK : Set the relationship between audio signal outputted to ADATA_PB and clock outputted to ACLK_PB 0 : inverted clock 1 : non-inverted clock PB_BITRATE [5:4] PB_BITRATE : Set the bit rate of audio signal outputted to ADATA_PB 0 : 256fs 2 : 320fs 1 : 384fs PB_SAMRATE [3] PB_SAMRATE : Set the sampling rate of data outputted to ADATA_PB 0 : 8KHz 1 : 16KHz PB_BITWID [2] PB_BITWID : Set the bit width of data outputted to ADATA_PB 0 : 16bits 1 : 8bits PB_SSP [1] PB_SSP : Set the position of data and sync signals inputted to ADATA_PB, when ASYNC_PB is DSP mode. 0 : DSP mode 1 : SSP mode PB_SYNC [0] PB_SYNC : Set the sync's mode inputted/outputted to ASYNC_PB. 0 : I2S mode 1 : DSP mode |