| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VC0736 bảng dữ liệu(PDF) 78 Page - NEXTCHIP Co,Ltd |
|
|
|||||||||||||||||||||||||||||
VC0736 bảng dữ liệu(HTML) 78 Page - NEXTCHIP Co,Ltd |
|
78 / 127 page ![]() NVP6124 Data sheet 02.11.2015 (REV 0.2) 76/125 4-CH AHD2.0 RX and 9-CH Audio Codec Registers to Control Luminance ADDRESS REGISTER NAME BITS VALUE DESCRIPTION Bank Addr 30P 25P 0 0x0C BRIGHTNESS_1 [7:0] 0x08 0x08 BRIGHTNESS_x : Brightness control; DC level of the Luma signal is adjustable up to -128 ~ +127. BRIGHTNESS consists of 2's Complements . (x = channel 1~4 ) 0x0D BRIGHTNESS_2 0x0E BRIGHTNESS_3 00000001 : + 1 10000000 : - 128 01111111 : + 127 11111111 : - 1 0x0F BRIGHTNESS_4 Registers to Control Luminance ADDRESS REGISTER NAME BITS VALUE DESCRIPTION Bank Addr 30P 25P 0 0x10 CONTRAST_1 [7:0] 0x88 0x88 CONTRAST_x : Contrast control, Gain level of the Luma signal is adjustable up to x2. MSB represents an integral number while the rest the decimal fraction. (x = channel 1~4 ) 0x11 CONTRAST_2 0x12 CONTRAST_3 00000000 : ≒ x 0 10000000 : ≒ x 1 01000000 : ≒ x 0.5 11111111 : ≒ x 2 0x13 CONTRAST_4 Registers to Control Sharpness ADDRESS REGISTER NAME BITS VALUE DESCRIPTION Bank Addr 30P 25P 0 0x14 H_SHARPNESS_1 [7:4] 0x9 0x9 H_SHARPNESS_x : Selects the H_Sharpness Value to calculate the brightness information. It consists of four bits in total. MSB represents an integral number while the rest the decimal fraction. (x = channel 1~4 ) 0x15 H_SHARPNESS_2 0x16 H_SHARPNESS_3 0000 : x 0 1000 : x 1 0100 : x 0.5 1111 : x 2 0x17 H_SHARPNESS_4 0x14 V_SHARPNESS_1 [3:0] 0x0 0x0 V_SHARPNESS_x : Selects the V_Sharpness Value to calculate the brightness information. It consists of four bits in total. MSB represents an integral number while the rest the decimal fraction. (x = channel 1~4 ) 0x15 V_SHARPNESS_2 0x16 V_SHARPNESS_3 0000 : x 1 1000 : x 3 0100 : x 2 1111 : x 4 0x17 V_SHARPNESS_4 |