| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC1110-RTY1 bảng dữ liệu(PDF) 54 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1110-RTY1 bảng dữ liệu(HTML) 54 Page - Texas Instruments |
|
54 / 203 page ![]() CC1110 CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A Page 54 of 202 IP1 (0xB9) – Interrupt Priority 1 Bit Name Reset R/W Description 7:6 - 00 R/W Not used. 5 IP1_5 0 R/W Interrupt group 5, priority control bit 1, refer to Table 30 4 IP1_4 0 R/W Interrupt group 4, priority control bit 1, refer to Table 30 3 IP1_3 0 R/W Interrupt group 3, priority control bit 1, refer to Table 30 2 IP1_2 0 R/W Interrupt group 2, priority control bit 1, refer to Table 30 1 IP1_1 0 R/W Interrupt group 1, priority control bit 1, refer to Table 30 0 IP1_0 0 R/W Interrupt group 0, priority control bit 1, refer to Table 30 IP0 (0xA9) – Interrupt Priority 0 Bit Name Reset R/W Description 7:6 - 00 R/W Not used. 5 IP0_5 0 R/W Interrupt group 5, priority control bit 0, refer to Table 30 4 IP0_4 0 R/W Interrupt group 4, priority control bit 0, refer to Table 30 3 IP0_3 0 R/W Interrupt group 3, priority control bit 0, refer to Table 30 2 IP0_2 0 R/W Interrupt group 2, priority control bit 0, refer to Table 30 1 IP0_1 0 R/W Interrupt group 1, priority control bit 0, refer to Table 30 0 IP0_0 0 R/W Interrupt group 0, priority control bit 0, refer to Table 30 IP1_x IP0_x Priority Level 0 0 0 – lowest 0 1 1 1 0 2 1 1 3 – highest Table 30: Priority Level Setting Group Interrupts IP0 RFTXRX RF DMA IP1 ADC P2 T1 IP2 URX0 UTX0 T2 IP3 URX1 UTX1 T3 IP4 ENC P1INT T4 IP5 ST WDT P0INT Table 31: Interrupt Priority Groups |