công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA161-4AI bảng dữ liệu(PDF) 49 Page - ATMEL Corporation

tên linh kiện ATMEGA161-4AI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161-4AI bảng dữ liệu(HTML) 49 Page - ATMEL Corporation

Back Button ATMEGA161-4AI Datasheet HTML 45Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 46Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 47Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 48Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 49Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 50Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 51Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 52Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 159 page
background image
49
ATmega161(L)
1228D–AVR–02/07
•
Description of wake-up from Power-save mode when the timer is clocked
asynchronously: When the interrupt condition is met, the wake-up process is started
on the following cycle of the timer clock, that is, the timer is always advanced by at
least 1 before the processor can read the counter value. The Interrupt Flags are
updated three processor cycles after the processor clock has started. During these
cycles, the processor executes instructions, but the interrupt condition is not
readable and the interrupt routine has not started yet.
•
During asynchronous operation, the synchronization of the Interrupt Flags for the
asynchronous timer takes three processor cycles plus one timer cycle. The timer is
therefore advanced by at least 1 before the processor can read the timer value,
causing the setting of the Interrupt Flag. The output compare pin is changed on the
timer clock and is not synchronized to the processor clock.
Timer/Counter1
Figure 35 shows the block diagram for Timer/Counter1.
Figure 35. Timer/Counter1 Block Diagram
The 16-bit Timer/Counter1 can select clock source from CK, prescaled CK or an exter-
nal pin. In addition, it can be stopped as described in “Timer/Counter1 Control Register
B – TCCR1B”. The different Status Flags (Overflow, Compare Match, and Capture
Event) are found in the Timer/Counter Interrupt Flag Register (TIFR). Control signals
are found in the Timer/Counter1 Control Registers (TCCR1A and TCCR1B). The inter-
rupt enable/disable settings for Timer/Counter1 are found in the Timer/Counter Interrupt
Mask Register (TIMSK).
When Timer/Counter1 is externally clocked, the external signal is synchronized with the
Oscillator frequency of the CPU. To assure proper sampling of the external clock, the
minimum time between two external clock transitions must be at least one internal CPU
TIMER INT. FLAG
REGISTER (TIFR)
CONTROL
LOGIC
TIMER/COUNTER1 (TCNT1)
TIMER INT. MASK
REGISTER (TIMSK)
T/C1 INPUT CAPTURE REGISTER (ICR1)
T/C1 OVER-
FLOW IRQ
T/C1 COMPARE
MATCHA IRQ
T/C1 COMPARE
MATCHB IRQ
T/C1 INPUT
CAPTURE IRQ
16 BIT COMPARATOR
TIMER/COUNTER1 OUTPUT COMPARE REGISTER A
16 BIT COMPARATOR
TIMER/COUNTER1 OUTPUT COMPARE REGISTER B
CAPTURE
TRIGGER
CK
0
7
8
15
0
7
8
15
0
7
8
15
0
7
8
15
0
7
8
15
0
7
8
15
T/C CLEAR
T/C CLOCK SOURCE
UP/DOWN
T/C1 CONTROL
REGISTER A (TCCR1A)
T/C1 CONTROL
REGISTER B (TCCR1B)
SPECIAL FUNCTIONS
IO REGISTER (SFIOR)
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com