công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA161-4AI bảng dữ liệu(PDF) 47 Page - ATMEL Corporation

tên linh kiện ATMEGA161-4AI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161-4AI bảng dữ liệu(HTML) 47 Page - ATMEL Corporation

Back Button ATMEGA161-4AI Datasheet HTML 43Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 44Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 45Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 46Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 47Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 48Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 49Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 50Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 159 page
background image
47
ATmega161(L)
1228D–AVR–02/07
In up/down PWM mode, the Timer Overflow Flag (TOV0 or TOV2) is set when the
counter advances from $00. In overflow PWM mode, the Timer Overflow Flag is set as
in normal Timer/Counter mode. Timer Overflow Interrupt0 and 2 operate exactly as in
normal Timer/Counter mode, i.e., they are executed when TOV0 or TOV2 are set, pro-
vided that Timer Overflow Interrupt and global interrupts are enabled. This also applies
to the Timer Output Compare flag and interrupt.
Asynchronous Status
Register – ASSR
• Bits 7..4 – Res: Reserved Bits
These bits are reserved bits in the ATmega161 and always read as zero.
•Bit 3 – AS2: Asynchronous Timer/Counter2 Mode
When this bit is cleared (zero), Timer/Counter2 is clocked from the internal system
clock, CK. If AS2 is set, the Timer/Counter2 is clocked from the TOSC1 pin. Pins PD4
and PD5 become connected to a crystal Oscillator and cannot be used as general I/O
pins. When the value of this bit is changed, the contents of TCNT2, OCR2 and TCCR2
might get corrupted.
•Bit 2 – TCN2UB: Timer/Counter2 Update Busy
When Timer/Counter2 operates asynchronously and TCNT2 is written, this bit becomes
set (one). When TCNT2 has been updated from the temporary storage register, this bit
is cleared (zero) by hardware. A logical “0” in this bit indicates that TCNT2 is ready to be
updated with a new value.
•Bit 1 – OCR2UB: Output Compare Register2 Update Busy
When Timer/Counter2 operates asynchronously and OCR2 is written, this bit becomes
set (one). When OCR2 has been updated from the temporary storage register, this bit is
cleared (zero) by hardware. A logical “0” in this bit indicates that OCR2 is ready to be
updated with a new value.
•Bit 0 – TCR2UB: Timer/Counter Control Register2 Update Busy
When Timer/Counter2 operates asynchronously and TCCR2 is written, this bit becomes
set (one). When TCCR2 has been updated from the temporary storage register, this bit
is cleared (zero) by hardware. A logical “0” in this bit indicates that TCCR2 is ready to be
updated with a new value.
If a write is performed to any of the three Timer/Counter2 Registers while its update
Busy Flag is set (one), the updated value might get corrupted and cause an uninten-
tional interrupt to occur.
The mechanisms for reading TCNT2, OCR2 and TCCR2 are different. When reading
TCNT2, the actual timer value is read. When reading OCR2 or TCCR2, the value in the
temporary storage register is read.
Bit
7
654
3
2
1
0
$26 ($46)
–
–
–
–
AS2
TCN2UB
OCR2UB
TCR2UB
ASSR
Read/Write
R
R
R
R
R/W
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com