công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA161-4AI bảng dữ liệu(PDF) 13 Page - ATMEL Corporation

tên linh kiện ATMEGA161-4AI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161-4AI bảng dữ liệu(HTML) 13 Page - ATMEL Corporation

Back Button ATMEGA161-4AI Datasheet HTML 9Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 10Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 11Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 12Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 13Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 14Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 15Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 16Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 159 page
background image
13
ATmega161(L)
1228D–AVR–02/07
The five different Addressing modes for the Data memory cover: Direct, Indirect with
Displacement, Indirect, Indirect with Pre-decrement and Indirect with Post-increment. In
the Register File, registers R26 to R31 feature the indirect Addressing Pointer
Registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode features a 63-address locations reach from the
base address given by the Y- or Z-register.
When using Register Indirect Addressing modes with automatic pre-decrement and
post-increment, the address registers X, Y, and Z are decremented and incremented.
The 32 general purpose working registers, 64 I/O Registers and the 1K byte of internal
data SRAM in the ATmega161 are all accessible through all these Addressing modes.
See the next section for a detailed description of the different Addressing modes.
Program and Data
Addressing Modes
The ATmega161 AVR RISC microcontroller supports powerful and efficient Addressing
modes for access to the Program memory (Flash) and Data memory (SRAM, Register
File and I/O memory). This section describes the different Addressing modes supported
by the AVR architecture. In the figures, OP means the operation code part of the instruc-
tion word. To simplify, not all figures show the exact location of the addressing bits.
Register Direct, Single
Register Rd
Figure 9. Direct Single Register Addressing
The operand is contained in register d (Rd).
Register Direct, Two Registers
Rd and Rr
Figure 10. Direct Register Addressing, Two Registers
REGISTER FILE
15
OP
d
d
31
0
40
0
d
r
31
REGISTER FILE
OP
r
d
15
9
5 4
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com