công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA161-4AI bảng dữ liệu(PDF) 39 Page - ATMEL Corporation

tên linh kiện ATMEGA161-4AI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161-4AI bảng dữ liệu(HTML) 39 Page - ATMEL Corporation

Back Button ATMEGA161-4AI Datasheet HTML 35Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 36Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 37Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 38Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 39Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 40Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 41Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 42Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 159 page
background image
39
ATmega161(L)
1228D–AVR–02/07
Figure 30. Timer/Counter2 Prescaler
The clock source for Timer/Counter2 prescaler is named PCK2. PCK2 is by default con-
nected to the main system clock (CK). By setting the AS2 bit in ASSR, Timer/Counter2
is asynchronously clocked from the PD4(TOSC1) pin. This enables use of
Timer/Counter2 as a Real-time Clock (RTC). When AS2 is set, pins PD4(TOSC1) and
PD5(TOSC2) are disconnected from Port D. A crystal can then be connected between
the PD4(TOSC1) and PD5(TOSC2) pins to serve as an independent clock source for
Timer/Counter2. The Oscillator is optimized for use with a 32.768 kHz crystal. Alterna-
tively, an external clock signal can be applied to PD4(TOSC1). The frequency of this
clock must be lower than one fourth of the CPU clock and not higher than 256 kHz. Set-
ting the PSR2 bit in SFIOR Resets the prescaler. This allows the user to operate with a
predictable prescaler.
Special Function IO Register –
SFIOR
• Bits 7..2 – Res: Reserved Bits
These bits are reserved bits in the ATmega161 and always read as zero.
•Bit 1 – PSR2: Prescaler Reset Timer/Counter2
When this bit is set (one), the Timer/Counter2 prescaler will be reset. The bit will be
cleared by hardware after the operation is performed. Writing a zero to this bit will have
no effect. This bit will always be read as zero if Timer/Counter2 is clocked by the internal
CPU clock. If this bit is written when Timer/Counter2 is operating in asynchronous
mode, however, the bit will remain as one until the prescaler has been reset. See “Asyn-
chronous Operation of Timer/Counter2” on page 48 for a detailed description of
asynchronous operation.
10-BIT T/C PRESCALER
TIMER/COUNTER2 CLOCK SOURCE
CK
PCK2
TOSC1
AS2
CS20
CS21
CS22
0
PSR2
Clear
TCK2
Bit
765
43
2
1
0
$30 ($50)
–––
––
–
PSR2
PSR10
SFIOR
Read/Write
RR
RR
RR
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com