công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA161-4AI bảng dữ liệu(PDF) 32 Page - ATMEL Corporation

tên linh kiện ATMEGA161-4AI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161-4AI bảng dữ liệu(HTML) 32 Page - ATMEL Corporation

Back Button ATMEGA161-4AI Datasheet HTML 28Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 29Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 30Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 31Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 32Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 33Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 34Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 35Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 159 page
background image
32
ATmega161(L)
1228D–AVR–02/07
•Bit 5 – OCIE1B: Timer/Counter1 Output CompareB Match Interrupt Enable
When the OCIE1B bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter1 CompareB Match interrupt is enabled. The corresponding interrupt (at
Vector $010) is executed if a Compare B Match in Timer/Counter1 occurs, i.e., when the
OCF1B bit is set in the Timer/Counter Interrupt Flag Register (TIFR).
•Bit 4 – TOIE2: Timer/Counter2 Overflow Interrupt Enable
When the TOIE2 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter2 Overflow interrupt is enabled. The corresponding interrupt (at Vector
$00a) is executed if an overflow in Timer/Counter2 occurs, i.e., when the TOV2 bit is set
in the Timer/Counter Interrupt Flag Register (TIFR).
•Bit 3 – TICIE1: Timer/Counter1 Input Capture Interrupt Enable
When the TICIE1 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter1 Input Capture Event Interrupt is enabled. The corresponding interrupt
(at Vector $00C) is executed if a capture-triggering event occurs on pin 31, ICP, i.e.,
when the ICF1 bit is set in the Timer/Counter Interrupt Flag Register (TIFR).
•Bit 2 – OCIE2: Timer/Counter2 Output Compare Match Interrupt Enable
When the OCIE2 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter2 Compare Match interrupt is enabled. The corresponding interrupt (at
Vector $008) is executed if a Compare2 match in Timer/Counter2 occurs, i.e., when the
OCF2 bit is set in the Timer/Counter Interrupt Flag Register (TIFR).
•Bit 1 – TOIE0: Timer/Counter0 Overflow Interrupt Enable
When the TOIE0 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter0 Overflow interrupt is enabled. The corresponding interrupt (at Vector
$016) is executed if an overflow in Timer/Counter0 occurs, i.e., when the TOV0 bit is set
in the Timer/Counter Interrupt Flag Register (TIFR).
•Bit 0 – OCIE0: Timer/Counter0 Output Compare Match Interrupt Enable
When the OCIE0 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter0 Compare Match interrupt is enabled. The corresponding interrupt (at
Vector $014) is executed if a Compare 0 Match in Timer/Counter0 occurs, i.e., when the
OCF0 bit is set in the Timer/Counter Interrupt Flag Register (TIFR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com