công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA161-4AI bảng dữ liệu(PDF) 28 Page - ATMEL Corporation

tên linh kiện ATMEGA161-4AI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161-4AI bảng dữ liệu(HTML) 28 Page - ATMEL Corporation

Back Button ATMEGA161-4AI Datasheet HTML 24Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 25Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 26Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 27Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 28Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 29Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 30Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 31Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 159 page
background image
28
ATmega161(L)
1228D–AVR–02/07
External Reset
An External Reset is generated by a low level on the RESET pin. Reset pulses longer
than 500 ns will generate a Reset, even if the clock is not running. Shorter pulses are
not guaranteed to generate a Reset. When the applied signal reaches the Reset
Threshold Voltage (V
RST) on its positive edge, the delay timer starts the MCU after the
Time-out period (t
TOUT) has expired.
Figure 27. External Reset during Operation
Watchdog Reset
When the Watchdog times out, it will generate a short reset pulse of 1 XTAL cycle dura-
tion. On the falling edge of this pulse, the delay timer starts counting the Time-out period
(t
TOUT). Refer to page 58 for details on operation of the Watchdog.
Figure 28. Watchdog Reset during Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com