công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5504 bảng dữ liệu(PDF) 41 Page - Texas Instruments

tên linh kiện TAS5504
Giải thích chi tiết về linh kiện  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 37Page - Texas Instruments TAS5504_06 Datasheet HTML 38Page - Texas Instruments TAS5504_06 Datasheet HTML 39Page - Texas Instruments TAS5504_06 Datasheet HTML 40Page - Texas Instruments TAS5504_06 Datasheet HTML 41Page - Texas Instruments TAS5504_06 Datasheet HTML 42Page - Texas Instruments TAS5504_06 Datasheet HTML 43Page - Texas Instruments TAS5504_06 Datasheet HTML 44Page - Texas Instruments TAS5504_06 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
TAS5504 Controls and Status
34
SLES123 − October 2004
TAS5504
Because RESET is an asynchronous signal, clicks and pops produced during the application (the leading
edge) of RESET cannot be avoided. However, the transition from the hard mute state (M) to the operational
state is performed using a quiet start up sequence to minimize noise. This control uses the PWM reset and
unmute sequence to shut down and start up the PWM. A detailed description of these sequences is contained
in the PWM section. If a completely quiet reset or power down sequence is desired, MUTE should be applied
before applying RESET.
The rising edge of the reset pulse begins device initialization before the transition to the operational mode.
During device initialization, all controls are reset to their initial states. Table 2−2 shows the default control
settings following a reset.
Table 2−2. Values Set During Reset
CONTROL
SETTING
Clock register
Not valid
High pass
Disabled
Unmute from clock error
Hard unmute
PSVC high Z
Disabled
Post DAP detection automute
Enabled
Four Ch PreDAP detection automute
Enabled
De-emphasis
De-emphasis disabled
Channel configuration control
Configured for the default setting
Headphone configuration control
Configured for the default setting
Serial data interface format
I2S 24 bit
Individual channel mute
No channels are muted
Automute delay
5 ms
Automute threshold 1
< 8 bits
Automute threshold 2
Same as automute threshold 1
Modulation limit
Maximum modulation limit of 97.7%
Slew rate limit
Disengaged for all channels
Interchannel delay
−32, 0, –16, 16, –24, 8, –8, −24
Shutdown PWM on error
Enabled
Volume and mute update rate
Volume ramp 85 ms
Treble and bass slew rate
Update every 1.31 ms
Bank switching
Manual bank selection is enabled
Auto bank switching map
All channels use Bank 1
Biquad coefficients (TAS5504)
Set to All pass
Input mixer coefficients
Input N −> Channel N, no attenuation
Output mixer coefficients
Channel N −> Output N, no attenuation
Subwoofer sum into Ch1 and Ch2
(TAS5504)
Gain of 0
Ch1 and Ch2 sum in subwoofer (TAS5504)
Gain of 0
Bass and treble bypass
Gain of 1
Bass and treble Inline
Gain of 0
DRC bypass (TAS5504)
Gain of 1
DRC inline (TAS5504)
Gain of 0
DRC (TAS5504)
DRC disabled, default values
Master volume
Mute
Individual channel volumes
0 dB
All bass and treble Indexes
0x12 neutral
Treble filter sets
Filter Set 3
Bass filter sets
Filter Set 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com