công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5504 bảng dữ liệu(PDF) 38 Page - Texas Instruments

tên linh kiện TAS5504
Giải thích chi tiết về linh kiện  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 bảng dữ liệu(HTML) 38 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 34Page - Texas Instruments TAS5504_06 Datasheet HTML 35Page - Texas Instruments TAS5504_06 Datasheet HTML 36Page - Texas Instruments TAS5504_06 Datasheet HTML 37Page - Texas Instruments TAS5504_06 Datasheet HTML 38Page - Texas Instruments TAS5504_06 Datasheet HTML 39Page - Texas Instruments TAS5504_06 Datasheet HTML 40Page - Texas Instruments TAS5504_06 Datasheet HTML 41Page - Texas Instruments TAS5504_06 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
Introduction
30
SLES123 − October 2004
TAS5504
Power Supply Volume Control
−60
−50
−40
−30
−20
−10
0
10
20
30
Desired Gain − dB
Digital Gain
Power Supply Gain
Figure 1−22. Power Supply and Digital Gains (Log Space)
Power Supply Volume Control
0.0001
0.001
0.01
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Desired Gain (Linear)
Digital Gain
Power Supply Gain
Figure 1−23. Power Supply and Digital Gains (Linear Space)
1.12.4
AM Interference Avoidance
Digital amplifiers can degrade AM reception as a result of their RF emissions. Texas Instruments patented AM
interference avoidance circuit provides a flexible system solution for a wide variety of digital audio
architectures. During AM reception, the TAS5504 adjusts the radiated emissions to provide an emission clear
zone for the tuned AM frequency. The inputs to the TAS5504 for this operation are the tuned AM frequency,
the IF frequency, and the sample rate. The sample rate is automatically detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com