| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NA-RTSM bảng dữ liệu(PDF) 22 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
NA-RTSM bảng dữ liệu(HTML) 22 Page - Omron Electronics LLC |
|
22 / 36 page ![]() Usability: Debugging - Easy and fast debugging in integrated development environment Operations, such as stop and step execution, can be performed for both HMI and controller simulations. Integrated Simulator The NJ/NX/NY Controller Simulator and NA HMI Simulator can be displayed on one screen. You can quickly debug the controller program and the HMI application at the same time. Switchable to the screen for desining. • You can display the selected page and change properties without stopping the Simulator. Immediate debugging during simulation before building will prevent you from forgetting to correct errors and reduce the frequency of building. Errors found during simulation can be corrected immediately. Pages and languages can be changed anytime. Change to TRUE Check the alarm with the Simulator Watch Tab Page The same GUI as the NJ/NX/NY Controller is used. Register the variable to monitor/change and then change its value on the Watch Tab Page to easily debug screens with the NA Simulator without the physical HMI. 22 Bringing technology to life - NA Series, Machine Interface |