| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NA-RTSM bảng dữ liệu(PDF) 6 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
NA-RTSM bảng dữ liệu(HTML) 6 Page - Omron Electronics LLC |
|
6 / 36 page ![]() Safety CPU unit Safety I/O unit Safety Monitor The NA Series can directly access safety CPU units and safety I/O units, which was previously impossible. There is no need to create any special screen to monitor their device variables and I/O settings. The I/O Matrix Monitor displays device variables and external exposed variables used in safety programs, allowing you to see outputs (error state) and corresponding inputs (causal condition). The Safety Input/Output Unit Monitor shows the ON/OFF status of safety I/O units and information on components connected to individual I/O terminals, enabling efficient monitoring of the entire system including safety components. Keep Machine Running - Minimize downtime If something unexpected happens in your machine, it is crucial to identify the cause and solve the problem quickly. As part of the Sysmac automation platform, the NA Series helps minimize machine downtime. Troubleshooter The Troubleshooter on the NA Series allows you to directly monitor and release the NJ/NX/NY Controller errors and events as well as the user-defined errors and events. There is no need for support software running on a PC. Error occurs NJ/NX/NY troubleshooter Error details can be checked. N E W 6 Bringing technology to life - NA Series, Machine Interface |