| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NA-RTSM bảng dữ liệu(PDF) 16 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
NA-RTSM bảng dữ liệu(HTML) 16 Page - Omron Electronics LLC |
|
16 / 36 page ![]() Project data Import Export Concurrent development of ladder and HMI Device data of the NA Series can be imported from and exported to the project file. When the controller designer and HMI designer develop a machine concurrently, the screen data can be merged with the controller project. Controller design (ladder program) Project master data management. NA device data is merged with project data. Integrated development environment Displaying editors on one screen The NA HMI Editor and NJ/NX/NY Controller Editor can be displayed on one screen. This eliminates the need to switch between screens, making the design easier and faster. Edit the screen while checking controller settings. • I/O allocation • Variable table • Data type HMI Editor Controller Editor Usability: Design - Simple screen design Sharing data between the NA Series and the NJ/NX/NY Series in real time on the Sysmac Studio increases design productivity. Programming after sharing merged project data Updated NA device data HMI design 16 Bringing technology to life - NA Series, Machine Interface |