| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90F482PF bảng dữ liệu(PDF) 14 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482PF bảng dữ liệu(HTML) 14 Page - fujitsu semiconductor |
|
14 / 113 page ![]() MB90480/485 Series 14 (Continued) Type Circuit Remarks F CMOS level input/output with open drain control G CMOS level output Hysteresis input With open drain control H CMOS level input/output Analog input I Hysteresis input Nch open drain output J (FLASH model) CMOS level input with high voltage control for flash testing (Mask model) Hysteresis input CMOS Open drain control signal Open drain control signal CMOS Analog input Digital output Control signal Mode input Diffusion resistance FLASH model Hysteresis input MASK model |