| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90F482PF bảng dữ liệu(PDF) 62 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482PF bảng dữ liệu(HTML) 62 Page - fujitsu semiconductor |
|
62 / 113 page ![]() MB90480/485 Series 62 15. Timebase Timer The timebase timer is an 18-bit free run counter (timebase counter) that counts up in synchronization with the internal count clock signal (base oscillator × 2) , and functions as an interval timer with a choice of four types of time intervals. Other functions provided by this module include timer output for the oscillator stabilization wait period, and operating clock signal feed for other timer circuits such as the watchdog timer. (1) Register List (2) Block Diagram Timebase timer control register (TBTC) 0000A9H Read/write Initial value X X R/W 0 R/W 0 W 1 R/W 0 R/W 0 15 14 13 12 11 10 9 8 R/W 1 RESV TBIE TBOF TBR TBC1 TBC0 TBIE TBOF TBR RESV TBC1 TBC0 OF OF OF OF × 21 × 22 × 28 × 29 × 210 × 211 × 212 × 213 × 214 × 215 × 216 × 217 × 218 to PPG timer Timebase timer counter HCLK × 2 To watchdog timer Power-on reset Counter clear control circuit Interval timer selector TBOF clear Timebase timer control register (TBTC) Timebase timer interrupt signal Clock control module Oscillator stabilization wait To time selector TBOF set : Not used OF : Overflow HCLK : Oscillator clock *1 : Switch machine clock from main clock or sub clock to PLL clock. *2 : Switch machine clock from sub clock to main clock. Stop mode start Hold status start CKSCR : MCS = 1→0*1 CKSCR : SCS = 0→1*2 |