| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90F482PF bảng dữ liệu(PDF) 13 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482PF bảng dữ liệu(HTML) 13 Page - fujitsu semiconductor |
|
13 / 113 page ![]() MB90480/485 Series 13 s s s s I/O CIRCUIT TYPES (Continued) Type Circuit Remarks A Oscillator feedback resistance X1, X0 : approx. 1 M Ω X1A, X0A : approx. 10 M Ω with standby control B Hysteresis input with pull-up resistance Resistance : approx. 50 k Ω C With input pull-up resistance control Resistance : approx. 50 k Ω CMOS level input/output D CMOS level input/output E Hysteresis input CMOS level output X1, X1A X0, X0A Standby control signal CTL CMOS CMOS CMOS |