công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F482PF bảng dữ liệu(PDF) 47 Page - fujitsu semiconductor

tên linh kiện MB90F482PF
Giải thích chi tiết về linh kiện  16-bit Proprietary Microcontroller CMOS
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90F482PF bảng dữ liệu(HTML) 47 Page - fujitsu semiconductor

Back Button MB90F482PF Datasheet HTML 43Page - fujitsu semiconductor MB90F482PF Datasheet HTML 44Page - fujitsu semiconductor MB90F482PF Datasheet HTML 45Page - fujitsu semiconductor MB90F482PF Datasheet HTML 46Page - fujitsu semiconductor MB90F482PF Datasheet HTML 47Page - fujitsu semiconductor MB90F482PF Datasheet HTML 48Page - fujitsu semiconductor MB90F482PF Datasheet HTML 49Page - fujitsu semiconductor MB90F482PF Datasheet HTML 50Page - fujitsu semiconductor MB90F482PF Datasheet HTML 51Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
MB90480/485 Series
47
(1) 16-bit Free Run Timer
The 16-bit free run timer is composed of a 16-bit up-down counter and control status register.
The counter value of this timer is used as the base timer for the input capture and output compare.
• The counter operation provides a choice of eight clock types.
• A counter overflow interrupt can be produced.
• A mode setting is available to initialize the counter value whenever the output compare value matches the
value in the compare clear register.
• Register List
Compare clear register (CPCLR)
Timer counter data register (TCDT)
Timer control status register (TCCS)
Initial value
000067H
XXXXXXXXB
Initial value
000066H
XXXXXXXXB
Initial value
000063H
00000000B
Initial value
000062H
00000000B
Initial value
000065H
0--00000B
Initial value
000064H
00000000B
15
14
13
12
11
10
9
8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CL14
CL15
CL13
CL12
CL11
CL10
CL09
CL08
76
5
4
3
2
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CL06
CL07
CL05
CL04
CL03
CL02
CL01
CL00
15
14
13
12
11
10
9
8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
T14
T15
T13
T12
T11
T10
T09
T08
76
5
4
3
2
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
T06
T07
T05
T04
T03
T02
T01
T00
15
14
13
12
11
10
9
8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ECKE
MSI2
MSI1
MSI0
ICLR
ICRE
76
5
4
3
2
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
IVFE
IVF
STOP
MODE
SCLR
CLK2
CLK1
CLK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More