| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90F482PF bảng dữ liệu(PDF) 61 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482PF bảng dữ liệu(HTML) 61 Page - fujitsu semiconductor |
|
61 / 113 page ![]() MB90480/485 Series 61 14. Watchdog timer The watchdog timer is a 2-bit counter that uses the output from the timebase timer or watch timer as acount clock signal, and will reset the CPU if not cleared within a predetermined time interval after it is activated. (1) Register List (2) Block Diagram Watchdog timer control register (WDTC) 0000A8H Read/write Initial value X R X R X R X W 1 W 1 W 1 76 5 4 3 2 1 0 R X PONR WRST ERST SRST WTE WT1 WT0 Reserved PONR WRST ERST SRST WTE WT1 WT0 × 21 × 22 × 28 × 29 × 210 × 211 × 212 × 213 × 214 × 215 × 216 × 217 × 218 × 21 SCLK CLR CLR × 22 × 28 × 29 × 210 × 211 × 212 × 213 × 214 × 215 × 216 × 217 × 218 2 4 4 Watchdog timer control register (WDTC) Watchdog timer Watch mode start Timebase timer mode start Sleep mode start Hold status start Counter clear circuit Count clock selector 2-bit counter Watchdog reset generator circuit Clear Internal reset generator circuit CLR and start Time-base counter HCLK × 2 HCLK : Oscillator clock SCLK : Sub clock Watch timer control register (WTO) WDCS bit Clock select register (CKSCR) SCM bit Stop mode start Re- served |