công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56600FM/AD bảng dữ liệu(PDF) 14 Page - NXP Semiconductors

tên linh kiện DSP56600FM/AD
Giải thích chi tiết về linh kiện  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD bảng dữ liệu(HTML) 14 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 10Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 11Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 12Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 13Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 14Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 15Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 16Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 17Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
Preliminary
1-8
DSP56652 Technical Data Sheet
MOTOROLA
Pin and Signal Descriptions
DSP56652 Pin Description
GND
J6
INT2
M14
RESET_OUT
M10
GND
J7
INT3
L14
ROW0
K14
GND
J8
INT4
K13
ROW1
J13
GND
J9
INT5
K12
ROW2
J11
GND
K10
INT6
K11
ROW3
J14
GND
K5
INT7
J12
ROW4
H13
GNDA
B1
MCU_DE
G10
ROW5
H14
GNDA
G2
MISO
D8
ROW6
G13
GNDB
K8
MOD
P10
ROW7
G11
GNDC
M1
MOSI
B8
RTS
E11
GNDD
L5
MUX_CTL
D13
RxD
E12
GNDE
A11
NC
A1
SC0A
B10
GNDF
J1
NC
A14
SC0B
E9
GNDG
H10
NC
E8
SC1A
C10
GNDG
L13
NC
P1
SC1B
D9
GNDH
A7
NC
P14
SC2A
D10
GNDK
B14
OE
K3
SC2B
B9
GNDP
P9
PCAP
L9
SCK
D7
GNDP1
N10
PSTAT0
C13
SCKA
B11
GNDQ
C7
PSTAT1
B13
SCKB
C8
GNDQ
J10
PSTAT2
B12
SENSE
P8
GNDQ
J5
PSTAT3
C11
SIMCLK
L7
GNDQ
N8
PWR_EN
K7
SIMDATA
M9
INT0
L12
R/W
K4
SIMRESET
N9
INT1
N14
RESET_IN
L10
SIZ0
D12
Table 1-2
DSP56652 PBGA Signal Identification by Name (Continued)
Signal Name
Pin
No.
Signal Name
Pin
No.
Signal Name
Pin
No.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76