| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DA16200 bảng dữ liệu(PDF) 79 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DA16200 bảng dữ liệu(HTML) 79 Page - Renesas Technology Corp |
|
79 / 154 page ![]() DA16200 Ultra Low Power Wi-Fi SoC Datasheet Revision 3.6 04-Jan-2023 CFR0011-120-00 79 of 153 © 2023 Renesas Electronics 9.13.3 Enhanced Features (Variant 001 only) Variant 001 of the DA16200 provides additional control over the priorities of the Wi-Fi TX, Wi-Fi RX and BT/BLE and their usage of the RF antenna. This allows the DA16200 to control an RF antenna switch directly through the BT_sig0 pin: ● BT_sig0 (oBtCoex_as) ○ Output - indicates WLAN is currently active ○ Can be used to directly control an RF switch DA16200 oBtCoex_as iBtAct iBtPri BT/BLE RF Switch Figure 58: Bluetooth Coexistence Interface (Antenna Switch) This allows DA16200 to be configured to control the RF antenna for many different scenarios. For example, the Wi-Fi TX may have higher priority than BT/BLE, but Wi-Fi RX may have lower priority. Table 61: Bluetooth Coexistence Priority Example WLAN BT ACT (TX or RX) Antenna idle idle WLAN RX idle ACT BT ACT TX idle WLAN TX TX ACT WLAN TX RX idle WLAN RX RX ACT BT ACT |