công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA16200 bảng dữ liệu(PDF) 50 Page - Renesas Technology Corp

tên linh kiện DA16200
Giải thích chi tiết về linh kiện  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 bảng dữ liệu(HTML) 50 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 46Page - Renesas Technology Corp DA16200 Datasheet HTML 47Page - Renesas Technology Corp DA16200 Datasheet HTML 48Page - Renesas Technology Corp DA16200 Datasheet HTML 49Page - Renesas Technology Corp DA16200 Datasheet HTML 50Page - Renesas Technology Corp DA16200 Datasheet HTML 51Page - Renesas Technology Corp DA16200 Datasheet HTML 52Page - Renesas Technology Corp DA16200 Datasheet HTML 53Page - Renesas Technology Corp DA16200 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
50 of 153
© 2023 Renesas Electronics
9
Peripherals
This section describes the peripherals that are supported by the DA16200 device.
9.1
QSPI Master with XIP Feature
QSPI master supports 4-line SPI communication with commercial flash memory devices and uses a
Motorola SPI-compatible interface among SPI communication modes. The highest communication
speed is the same as the AMBA bus clock, and the speed is adjustable in integer multiples. The
designed QSPI supports 4-/2-/1-line types depending on the purpose. These types should be
combined. Especially when the 1-line communication mode is used, it can be used as the SPI
master.
QSPI master is an IP for communication between the flash memory and AMBA AHB bus and is
designed to support XIP. The features of the QSPI master are summarized as follows:
Serial flash interface:
● SPI compatible serial bus interface
○ Configurable SPI I/O modes:
– Single I/O mode
– Dual I/O mode
– Quad I/O mode
○ JEDEC Standard: JESD216B
○ 24-bit and 32-bit addressing
○ Supports to access flash with XIP mode
– Read access without command
– Read access without address and command
○ Programmable SPI clock phase and polarity
○ Maximum number of SPI CS is four that can be operated
● Compatible with serial NOR flash devices, such as Macronix, Micron, Spansion, ESMT, and ISSI
AMBA slave interface
● Compliance to the AMBA AHB bus specification, Rev 3.0 [7]
● Direct code execution: directly addressable access without additional driver software
● Supports single and incrementing burst transfer (SINGLE, INCR, INCR4, INCR8, INCR16)
● Supports byte, half-word, and word transaction
● AMBA slave interface is optional to access configuration and status registers
● Simple timer is used to check the completion time of flash operation
● XIP path of QSPI master supports HW remapping function to execute selected boot image for
over-the-air programming (OTA)
AMBA master interface
● Compliance to the AMBA AHB bus specification, Rev 3.0 [7]
● Supports DMA operation to access serial flash devices
○ Automatic copy of code image from serial flash to system RAM
○ Automatic programming of code image from system RAM to serial flash
● Performs a mem-to-mem copy in units of 32 bits, regardless of the address and length
● Supports single and incrementing burst transfer (SINGLE, INCR, INCR4, INCR8, INCR16)
● Supports byte, half-word, and word transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com